Part Number Hot Search : 
TC74VH BAV99DW USS10 2N4070 PDC1004 0001TR BA6897S UN921MJ
Product Description
Full Text Search
 

To Download MBR0540-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr0520 ? mbr05 4 0 s u r f a ce m o u n t sc h o ttky b a rr i er d i o de sensitron semiconductor date s h eet 2 8 00 , r e v - features low turn-on voltage fast switching a pn junction guard ring for transient and esd protection designed for surface mount application c plastic material ? ul recognition flammability d classification 94v-o b e mechanical data h case: sod-123, molded plastic g terminals: plated leads solderable per j mil-std-202, method 208 polarity: cathode band weight: 0.01 grams (approx.) maximum ratings @t a =25c unless otherwise specified c h a r ac t e r i st i c s y m b o l m b r 0 5 20 m b r 0 5 30 m b r 0 5 40 u n i t peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 30 40 v rms reverse voltage v r(rms) 14 21 28 v average rectified output current @t l = 75c i o 0.5 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 5.5 a power dissipation (note 1) p d 410 mw typical thermal resistance, junction to ambient air (note 1) r ja 244 c/w operating and storage temperature range t j , t stg -65 to +125 c electrical characteristics @t a =25c unless otherwise specified c h a r ac t e r i st i c s y m b o l m b r 0 5 20 m b r 0 5 30 m b r 0 5 40 u n i t forward voltage drop @i f = 0.1a / 0.5a v fm 0.3 / 0.385 0.375 / 0.43 ? / 0.51 v peak reverse leakage current @v r = 50% / 100% dc blocking voltage i rm 75 / 250 20 / 130 10 / 20 a typical junction capacitance (v r = 0v dc, f = 1mhz) c j 170 pf note: 1. valid provided that terminals are kept at ambient temperature. ? 221 west industry court  deer park, ny 11729-4681  (631) 586-7600 fax (631) 242-9798 ? ? world wide web site - http://www.sensitron.com ? e-mail address - sales@sensitron.com ? sod-123 dim min max min max a 3.6 3.9 0.14 0.154 b 2.5 2.8 0.098 0.110 c 1.4 1.8 0.055 0.070 d 0.5 0.7 0.020 0.028 e ? 0.2 ? 0.008 g 0.4 ? 0.016 ? h 0.95 1.35 0.037 0.053 j ? 0.12 ? 0.005 in mm in inch
0 0.25 0.50 0 50 100 150 i , a vera g er e c tified c urrent ( a ) o t , lead temperature ( c) fig. 1 forward current derating curve l 0.75 1.0 25 75 125 0.01 0.1 1.0 10 0.20 0.4 0.6 0.8 1.0 i , inst ant aneous fwd current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f t=25c pulse width = 300 s 2% duty cycle j mb r 0530 mb r 0540 m b r 0 520 c , cap acit ance (pf) j v , reverse voltage (v) r fi g .3 t y p. junction capacitance vs reverse volta g e 1000 1.0 10 100 0 5 10 15 20    mbr0520 ? mbr05 4 0 s u r f a ce m o u n t sc h o ttky b a rr i er d i o de sensitron s em i c o nduc t o r data sheet 28 00, rev. -           ? 221 west industry court  deer park, ny 11729-4681  (631) 586-7600 fax (631) 242-9798 ? ? world wide web site - http://www.sensitron.com ? e-mail address - sales@sensitron.com ?


▲Up To Search▲   

 
Price & Availability of MBR0540-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X